Part Number Hot Search : 
NKC55A SD101 56160 UCN5811A MAX1962 BJ100 P2010A K3934
Product Description
Full Text Search
 

To Download L74VHC1G32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
2-Input OR Gate
L74VHC1G32
The L74VHC1G32 is an advanced high speed CMOS 2-input OR gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Shortly TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The L74VHC1G32 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1G32 to be used to interface 5 V circuits to 3 V circuits. * High Speed: t PD = 3.7 ns (Typ) at V CC = 5 V * Low Power Dissipation: I CC = 2 mA (Max) at T A = 25C * Power Down Protection Provided on Inputs * Balanced Propagation Delays * Pin and Function Compatible with Other Standard Logic Families * Chip Complexity: FETs = 60; Equivalent Gates = 15
MARKING DIAGRAMS
5 4
1 2 3
V4d
SC-70/SC-88A/SOT-353 DF SUFFIX Pin 1 d = Date Code
5 4
Figure 1. Pinout (Top View)
1 2 3
V4d
Figure 2. Logic Symbol
Pin 1 d = Date Code
SOT-23/TSOP-5/SC-59 DT SUFFIX
FUNCTION TABLE
PIN ASSIGNMENT 1 2 3 4 5 IN B IN A GND OUT Y V CC A L L H H Inputs B L H L H Output Y L H H H
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
1/6
LESHAN RADIO COMPANY, LTD.
L74VHC1G32
MAXIMUM RATINGS
Value Unit - 0.5 to + 7.0 V - 0.5 to 7.0 V V CC=0 - 0.5 to 7.0 V High or Low State -0.5 to V cc + 0.5 I IK Input Diode Current -20 mA I OK Output Diode Current V OUT < GND; V OUT > V CC +20 mA I OUT DC Output Current, per Pin + 25 mA I CC DC Supply Current, V CC and GND +50 mA PD Power dissipation in still air SC-88A, TSOP-5 200 mW JA Thermal resistance SC-88A, TSOP-5 333 C/W TL Lead Temperature, 1 mm from Case for 10 s 260 C TJ Junction Temperature Under Bias + 150 C T stg Storage temperature -65 to +150 C V ESD ESD Withstand Voltage Human Body Model (Note 2) >2000 V Machine Model (Note 3) > 200 Charged Device Model (Note 4) N/A I LATCH-UP Latch-Up Performance Above V CC and Below GND at 125C (Note 5) 500 mA 1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A 5. Tested to EIA/JESD78 DC Supply Voltage DC Input Voltage DC Output Voltage RECOMMENDED OPERATING CONDITIONS Symbol Parameter V CC DC Supply Voltage V IN DC Input Voltage V OUT DC Output Voltage TA Operating Temperature Range t r ,t f Input Rise and Fall Time Symbol V CC V IN V OUT Parameter
V CC = 3.3 0.3 V V CC = 5.0 0.5 V
Min 2.0 0.0 0.0 - 55 0 0
Max 5.5 5.5 V CC + 125 100 20
Unit V V V C ns/V
Junction Temperature C 80 90 100 110 120 130 140
Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900
Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
NORMALIZED FAILURE RATE
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO 0.1% BOND FAILURES
1
1
10
100
1000
TIME, YEARS
Figure 3. Failure Rate vs. Time Junction Temperature
2/6
LESHAN RADIO COMPANY, LTD.
L74VHC1G32
DC ELECTRICAL CHARACTERISTICS Symbol V IH Parameter Minimum High-Level Input Voltage Test Conditions V CC (V) 2.0 3.0 4.5 5.5 V IL Maximum Low-Level Input Voltage 2.0 3.0 4.5 5.5 V OH Minimum High-Level Output Voltage V IN = V IH or V IL V IN = V IH or V IL I OH = -4 mA I OH = -8 mA V OL Maximum Low-Level Output Voltage V IN = V IH or V IL V IN = V IH or V IL I OL = 4 mA I OL = 8 mA I IN I CC Maximum Input Leakage Current Maximum Quiescent Supply Current 3.0 4.5 V IN = 5.5 V or GND 0 to5.5 V IN = V CC or GND 5.5 0.36 0.36
0.1
T A = 25C T A < 85C Min Typ Max Min Max 1.5 1.5 2.1 2.1 3.15 3.85 0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 2.0 3.0 4.0 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44
1.0
-55C3.15 3.85 0.5 0.9 1.35 1.65
0.5 0.9 1.35 1.65 1.9 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.52 0.52
1.0
V
V IN = V IH or V IL I OH = - 50 A
2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5
V
V IN = V IH or V IL I OL = 50 A
V
A A
2.0
20
40
AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns T A < 85C -55CCC
3.7 4.4 5.5
5.5 7.5 10
6.5 8.5 10 = 5.0 V
8.0 10.0 10
pF
pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD * V CC * f in + I CC . C PD is used to determine the no- load dynamic power consumption; P D = C PD * V CC 2 * f in + I CC * V CC .
3/6
LESHAN RADIO COMPANY, LTD.
L74VHC1G32
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION Device Nomenclature
Device Order Number Temp Circuit Range Technology Device Indicator Function Identifier L L L L L 74 74 74 74 74 VHC1G VHC1G VHC1G VHC1G VHC1G 32 32 32 32 32 Package Suffix DF DF DF DT DT Tape & Reel Suffix T1 T2 T4 T1 T3 Package Type (Name/SOT#/ Common Name) SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SOT-23/TSOPS/ SC-59 SOT-23/TSOPS/ SC-59 Tape and Reel Size
L74VHC1G32DFT1 L74VHC1G32DFT2 L74VHC1G32DFT4 L74VHC1G32DTT1 L74VHC1G32DTT3
178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit 178 mm (7 in) 3000 Unit 330 mm (13 in) 10,000 Unit
4/6
LESHAN RADIO COMPANY, LTD.
L74VHC1G32
PACKAGE DIMENSIONS
SC70-5/SC-88A/SOT-353 DF SUFFIX
G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
A
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
DIM A B C D G H J K N S
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
5/6
LESHAN RADIO COMPANY, LTD.
L74VHC1G32
PACKAGE DIMENSIONS
SOT23-5/TSOP-5/SC59-5 DT SUFFIX
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. A AND B DIMENSIONS DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. MILLIMETERS MIN MAX 2.90 3.10 1.30 1.70 0.90 1.10 0.25 0.50 0.85 1.05 0.013 0.100 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00 INCHES MIN MAX 0.1142 0.1220 0.0512 0.0669 0.0354 0.0433 0.0098 0.0197 0.0335 0.0413 0.0005 0.0040 0.0040 0.0102 0.0079 0.0236 0.0493 0.0610 0_ 10 _ 0.0985 0.1181
D
5 1 2 4 3
S
B
L G A J C 0.05 (0.002) H K M
DIM A B C D G H J K L M S
SOLDERING FOOTPRINT*
1.9 0.074
0.95 0.037
2.4 0.094 1.0 0.039 0.7 0.028
SCALE 10:1
mm inches
6/6


▲Up To Search▲   

 
Price & Availability of L74VHC1G32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X